Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DA Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960DA Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 16Page - Texas Instruments TLC5960DA Datasheet HTML 17Page - Texas Instruments TLC5960DA Datasheet HTML 18Page - Texas Instruments TLC5960DA Datasheet HTML 19Page - Texas Instruments TLC5960DA Datasheet HTML 20Page - Texas Instruments TLC5960DA Datasheet HTML 21Page - Texas Instruments TLC5960DA Datasheet HTML 22Page - Texas Instruments TLC5960DA Datasheet HTML 23Page - Texas Instruments TLC5960DA Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
HVMDetectionChannel1
TLC5960
D1 G1 S1
D2 G2 S2
MN1
MN2
V
LED
DC/DCConverter
VIN
V
REF
R1
R2
R3
V
HVM
HVM
Logic
Calculation
Routine
Buffer
HVM1
Q
D
C
Sampling
Clock
HVMDetectionChannel2
I
LED
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
THERMAL SHUTDOWN
The TLC5960 includes integrated internal temperature sensors for providing thermal shutdown protection. If an
over-temperature state is detected, the TLC5960 automatically shuts down all the functions, including the internal
low-dropout regulator (LDO). This status is latched until VIN < VPOR, or the EN input signal toggles from high to
low to high.
POWER-ON RESET (POR)
The TLC5960 is equipped with internal power-on reset circuitry. When VIN < 7.0V, the remaining circuit blocks
are all locked to stay in standby mode. This function is also called undervoltage lockout (UVLO). The
specifications for VPOR and VPORHYS are listed in the Electrical Characteristics.
HEADROOM VOLTAGE MONITOR FEEDBACKS (iHVM)
The TLC5960 provides an intelligent feedback mechanism of the headroom voltage information to automatically
adjust the dc/dc converter output voltage. Up to four dc/dc converter outputs can be optimized using the
TLC5960 iHVM buffers; the output levels are automatically adjusted through the internal iHVM mechanism.
Figure 23 shows a basic configuration of one dc/dc converter for a two-channel output (HVM 2CH mode). Only
one additional external resistor is required to modify the dc/dc converter output voltage.
Figure 23. Headroom Voltage Monitor Feedback Mechanism
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com