Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DA Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960DA Datasheet(HTML) 5 Page - Texas Instruments

  TLC5960DA Datasheet HTML 1Page - Texas Instruments TLC5960DA Datasheet HTML 2Page - Texas Instruments TLC5960DA Datasheet HTML 3Page - Texas Instruments TLC5960DA Datasheet HTML 4Page - Texas Instruments TLC5960DA Datasheet HTML 5Page - Texas Instruments TLC5960DA Datasheet HTML 6Page - Texas Instruments TLC5960DA Datasheet HTML 7Page - Texas Instruments TLC5960DA Datasheet HTML 8Page - Texas Instruments TLC5960DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
VIN
VADJ
VREG5
HVM1
CTRL1
CTRL2
EN
D1
G1
GND
HVM2
HVM3
HVM4
CTRL3
CTRL4
XFLT
D5
G5
S5
1
2
3
4
5
6
7
8
9
38
37
36
35
34
33
32
31
30
29
S1
D2
G2
S2
D3
G3
S3
D4
G4
S4
D6
G6
S6
D7
G7
S7
D8
G8
S8
10
11
12
13
14
15
16
17
18
19
28
27
26
25
24
23
22
21
20
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
PIN CONFIGURATIONS
DA PACKAGE
TSSOP-38
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
VIN
1
I
Supply voltage input
VADJ
2
I
Analog dimming input
VREG5
3
O
Internal linear regulator 5V output
DC/DC feedback interface for thermal control. HVM4 is also used to set LED short detection
HVM1, 2, 3, 4
4, 35, 36, 37
IO
threshold during 4CH and 8CH HVM modes (see the Flexible Configurations of the iHVM
section).
Parallel PWM input control interface. High turns on corresponding channels. Configuration
CTRL1, 2, 3, 4
5, 6, 33, 34
I
depends on the HVM mode.
High enables driver control from CTRL1 to CTRL4. Low disables driver control from CTRL
EN
7
I
inputs
8, 11, 14, 17,
D1 to D8
I
External FET drain node sense voltage input
22, 25, 28, 31
9, 12, 15, 18,
G1 to G8
IO
External FET gate driver output
21, 24, 27, 30
10, 13, 16, 19,
S1 to S8
I
External FET source node sense voltage input
20, 23, 26, 29
XFLT
32
O
Fault detection notifying buffer output (open drain)
GND
38
—
Common ground
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com