Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DA Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960DA Datasheet(HTML) 1 Page - Texas Instruments

  TLC5960DA Datasheet HTML 1Page - Texas Instruments TLC5960DA Datasheet HTML 2Page - Texas Instruments TLC5960DA Datasheet HTML 3Page - Texas Instruments TLC5960DA Datasheet HTML 4Page - Texas Instruments TLC5960DA Datasheet HTML 5Page - Texas Instruments TLC5960DA Datasheet HTML 6Page - Texas Instruments TLC5960DA Datasheet HTML 7Page - Texas Instruments TLC5960DA Datasheet HTML 8Page - Texas Instruments TLC5960DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TLC5960
VADJ
EN
CTRL[1:4]
HVM[1:4]
XFLT
VREG5
VIN
D1 G1 S1
D2
D8
G2
G8
S2
S8
Ch1
Ch2
Ch8
DC/DC4
DC/DC3
DC/DC2
DC/DC1
V
LED1
V
LED4
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
Eight-Channel LED Driver
with Intelligent Headroom Voltage Monitor (iHVM™)
Check for Samples: TLC5960
1
FEATURES
•
Full Protection/Diagnostic Functions:
23
•
250kHz PWM Dimming
–
LOD: LED Open Detection
•
Four Intelligent Headroom Voltage Monitor
–
LSD: LED Short Detection
(iHVM) Outputs
–
FOD: FET Open Detection
•
Eight-Channel, High-Voltage LED Driver:
–
FSD: FET Short Detection
–
0.3% (typ) Accuracy Between Channels
•
Built-In Phase Shift Function
•
Control Interface with Four PWM Inputs
•
38-Pin TSSOP Package
•
Easy-To-Use Analog Dimming Interface
APPLICATIONS
•
10% to 100% Analog Brightness Dimming
•
LED Backlights for LCD-TV
•
Integrated 5V Internal Regulator
•
High-Current LED Lighting
•
Integrated Power-On Reset (POR) Circuitry
DESCRIPTION
The TLC5960 is an eight-channel PWM LED driver with four intelligent headroom voltage monitor (iHVM)
outputs. The LED drivers have scalable, high-voltage capability and provide 1% maximum current matching
accuracy between LED strings. To achieve optimal efficiency, the iHVM automatically optimizes the external
dc/dc converter output voltage to compensate for the forward-voltage variations of the LED
Compared to a conventional HVM solution that requires several MOSFETs, capacitors, and resistors, the iHVM
is designed to use only a single external resistor. The LED driver design is capable of up to 250kHz PWM
dimming, and also provides an analog brightness dimming interface. This device easily adapts to various LED
and power configurations with a single voltage input rail. Full protection and diagnostic functions are provided to
protect the entire system, such as LED open/short detection (LOD/LSD), FET open/short detection (FOD/FSD)
and thermal shutdown (TSD). In case of failure, the TLC5960 automatically disconnects the failed channel(s)
from the operating channels and pulls down the open drain fault buffer (XFLT) to signal an error status. iHVM™
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
iHVM is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5960DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5960DA TI-TLC5960DA Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLC5960DAR TI-TLC5960DAR Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
More results

Similar Description - TLC5960DA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
Intelligent Eight-Channel Communications Controller
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
LED Driver/Monitor
4/04-Revision 0
logo
National Semiconductor ...
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
PowerPSoC Intelligent LED Driver
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
LED Driver/Monitor
REV. 0
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com