Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5960DA Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960DA Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 24Page - Texas Instruments TLC5960DA Datasheet HTML 25Page - Texas Instruments TLC5960DA Datasheet HTML 26Page - Texas Instruments TLC5960DA Datasheet HTML 27Page - Texas Instruments TLC5960DA Datasheet HTML 28Page - Texas Instruments TLC5960DA Datasheet HTML 29Page - Texas Instruments TLC5960DA Datasheet HTML 30Page - Texas Instruments TLC5960DA Datasheet HTML 31Page - Texas Instruments TLC5960DA Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
V
(V)
LED
V
INIT
V
OPT
Time(s)
Time(s)
V
(V)
LED
V
INIT
V
OPT
(a) VLEDTypicalTransientResponseoniHVMsystem
(b) VeryLowTransientLossoniHVMsystemwithFastSwitching
t
F
t
R
t
F
Time(2 s/div)
m
I
(0mA)
LED
I
(50mA)
LED
2 s
m
V
(150V 200mV))
±
LED
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
Figure 32 shows the iHVM transient response. Only the first cycle of the HVM cycle is needed to set the
appropriate voltage for the VLED corresponding to the LED strings total VF. Therefore, the first tF should be a
similar transient with conventional system; however, from the next cycle, the intelligent iHVM mechanism reuses
the once-settled value. As shown in the results, the second falling edge can be much faster than the first cycle,
and almost zero transient power consumption is achievable in Figure 32(a).
Figure 32. Transient Response of the iHVM-Based System
In addition to this power saving, faster LED switching speeds can be set up to 250kHz. The transient response in
this case is shown in Figure 32(b). The power-saving iHVM mechanism is designed to work perfectly with that
faster switching speed, as well.
Figure 33 shows the application evaluation results of an iHVM system. As the dc/dc portion, the TPS40210
SEPIC configuration (supply voltage = 170V, VLED ~150V) is employed. 48 LEDs are series connected and RS is
set to 12
Ω in order to achieve a 50mA constant current. The iHVM system works well to keep the once-settled
VLED voltage well-regulated with a constant current value.
Figure 33. Switching Characteristics for 1% PWM Dimming on 240Hz
28
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com