Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV2211CDBVT
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2211CDBVT Datasheet HTML 12Page - Texas Instruments TLV2211CDBVT Datasheet HTML 13Page - Texas Instruments TLV2211CDBVT Datasheet HTML 14Page - Texas Instruments TLV2211CDBVT Datasheet HTML 15Page - Texas Instruments TLV2211CDBVT Datasheet HTML 16Page - Texas Instruments TLV2211CDBVT Datasheet HTML 17Page - Texas Instruments TLV2211CDBVT Datasheet HTML 18Page - Texas Instruments TLV2211CDBVT Datasheet HTML 19Page - Texas Instruments TLV2211CDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
SHORT-CIRCUIT OUTPUT CURRENT†‡
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
14
10
6
4
2
0
−2
− 50
− 25
0
25
50
75
100
− 75
125
8
12
VID = − 100 mV
VID = 100 mV
VDD = 5 V
VIC = 2.5 V
VO = 2.5 V
Figure 20
0
0.5
1
1.5
2
2.5
3
− 250
− 500
− 750
− 1000
250
500
750 1000
0
VDD = 3 V
RI = 10 kΩ
VIC = 1.5 V
TA = 25°C
OUTPUT VOLTAGE‡
vs
DIFFERENTIAL INPUT VOLTAGE
VID − Differential Input Voltage − µV
Figure 21
VID − Differential Input Voltage − µV
0
1
3
2
4
5
VDD = 5 V
VIC = 2.5 V
RL = 10 kΩ
TA = 25°C
− 250
− 500
− 750
− 1000
250
500
750 1000
0
OUTPUT VOLTAGE‡
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 22
DIFFERENTIAL VOLTAGE AMPLIFICATION‡
vs
LOAD RESISTANCE
RL − Load Resistance − kΩ
103
102
101
1
0.1
1
101
102
103
VO(PP) = 2 V
TA = 25°C
VDD = 5 V
VDD = 3 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com