Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVT Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV2211CDBVT
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2211CDBVT Datasheet HTML 15Page - Texas Instruments TLV2211CDBVT Datasheet HTML 16Page - Texas Instruments TLV2211CDBVT Datasheet HTML 17Page - Texas Instruments TLV2211CDBVT Datasheet HTML 18Page - Texas Instruments TLV2211CDBVT Datasheet HTML 19Page - Texas Instruments TLV2211CDBVT Datasheet HTML 20Page - Texas Instruments TLV2211CDBVT Datasheet HTML 21Page - Texas Instruments TLV2211CDBVT Datasheet HTML 22Page - Texas Instruments TLV2211CDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
f − Frequency − Hz
COMMON-MODE REJECTION RATIO†
vs
FREQUENCY
80
40
20
0
100
60
10 1
10 2
10 3
10 4
10 5
VDD = 5 V
VO = 2.5 V
VDD = 3 V
VO = 1.5 V
TA = 25°C
Figure 30
COMMON-MODE REJECTION RATIO†‡
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
82
80
78
86
84
88
VDD = 5 V
VDD = 3 V
− 50
− 25
0
25
50
75
100
− 75
125
Figure 31
f − Frequency − Hz
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREQUENCY
60
40
20
100
80
0
−20
kSVR −
kSVR +
10 1
10 2
10 3
10 4
10 5
10 6
VDD = 3 V
TA = 25°C
Figure 32
f − Frequency − Hz
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREQUENCY
100
80
60
40
20
0
−20
101
10 2
10 3
10 4
10 5
10 6
VDD = 5 V
TA = 25°C
kSVR −
kSVR +
‡ Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com