Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVT Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV2211CDBVT
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV2211CDBVT Datasheet HTML 21Page - Texas Instruments TLV2211CDBVT Datasheet HTML 22Page - Texas Instruments TLV2211CDBVT Datasheet HTML 23Page - Texas Instruments TLV2211CDBVT Datasheet HTML 24Page - Texas Instruments TLV2211CDBVT Datasheet HTML 25Page - Texas Instruments TLV2211CDBVT Datasheet HTML 26Page - Texas Instruments TLV2211CDBVT Datasheet HTML 27Page - Texas Instruments TLV2211CDBVT Datasheet HTML 28Page - Texas Instruments TLV2211CDBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
60
10
40
0
80
50
70
20
30
101
10 2
10 3
10 4
10 5
TA = 25°C
10 6
Figure 53
APPLICATION INFORMATION
driving large capacitive loads
The TLV2211 is designed to drive larger capacitive loads than most CMOS operational amplifiers. Figures 51
and 52 illustrate its ability to drive loads up to 600 pF while maintaining good gain and phase margins
(Rnull = 0).
A smaller series resistor (Rnull) at the output of the device (see Figure 54) improves the gain and phase margins
when driving large capacitive loads. Figures 51 and 52 show the effects of adding series resistances of 500
Ω and 1000 Ω. The addition of this series resistor has two effects: the first is that it adds a zero to the transfer
function and the second is that it reduces the frequency of the pole associated with the output load in the transfer
function.
The zero introduced to the transfer function is equal to the series resistance times the load capacitance. To
calculate the improvement in phase margin, equation 1 can be used.
∆φ
m1 + tan
–1 2 ×π × UGBW × R
null ×
C
L
∆φ
m1 + improvement in phase margin
UGBW
+ unity-gain bandwidth frequency
R
null + output series resistance
C
L + load capacitance
(1)
Where :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com