Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2211CDBVT
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2211CDBVT Datasheet HTML 5Page - Texas Instruments TLV2211CDBVT Datasheet HTML 6Page - Texas Instruments TLV2211CDBVT Datasheet HTML 7Page - Texas Instruments TLV2211CDBVT Datasheet HTML 8Page - Texas Instruments TLV2211CDBVT Datasheet HTML 9Page - Texas Instruments TLV2211CDBVT Datasheet HTML 10Page - Texas Instruments TLV2211CDBVT Datasheet HTML 11Page - Texas Instruments TLV2211CDBVT Datasheet HTML 12Page - Texas Instruments TLV2211CDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2211C
TLV2211I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
0.01
0.025
0.01
0.025
VO = 1.5 V to 3.5 V,
RL = 10 kه,
25
°C
0.01
0.025
0.01
0.025
SR
Slew rate at unity gain
VO = 1.5 V to 3.5 V,
CL = 100 pF‡
RL = 10 kه,
Full
0.005
0.005
V/
µs
SR
Slew rate at unity gain
CL = 100 pF‡
Full
range
0.005
0.005
V/
µs
Vn
Equivalent input noise
f = 10 Hz
25
°C
72
72
nV/
√Hz
Vn
Equivalent input noise
voltage
f = 1 kHz
25
°C
21
21
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 Hz to 1 Hz
25
°C
600
600
nV
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
800
800
nV
In
Equivalent input noise
current
25
°C
0.6
0.6
fA /
√Hz
Gain-bandwidth product
f = 10 kHz,
‡
RL = 10 kه,
25
°C
65
65
kHz
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF‡
RL = 10 kه,
25
°C
65
65
kHz
BOM
Maximum output-swing
VO(PP) = 2 V,
‡
AV = 1,
‡
25
°C
7
7
kHz
BOM
Maximum output-swing
bandwidth
VO(PP) = 2 V,
RL = 10 kه,
AV = 1,
CL = 100 pF‡
25
°C
7
7
kHz
φm
Phase margin at
unity gain
RL = 10 kه,
CL = 100 pF‡
25
°C
56
°
56
°
Gain margin
RL = 10 kه,
CL = 100 pF‡
25
°C
22
22
dB
† Full range is − 40°C to 85°C.
‡ Referenced to 1.5 V
electrical characteristics at VDD = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2211Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD = ± 1.5 V,
VO = 0,
VIC = 0,
0.47
mV
IIO
Input offset current
VDD ± = ±1.5 V,
RS = 50 Ω
VO = 0,
VIC = 0,
0.5
60
pA
IIB
Input bias current
RS = 50 Ω
1
60
pA
− 0.3
VICR
Common-mode input voltage range
| VIO |≤5 mV,
RS = 50 Ω
− 0.3
to 2.2
V
VICR
Common-mode input voltage range
| VIO | ≤5 mV,
RS = 50 Ω
to 2.2
V
VOH
High-level output voltage
IOH = −100 µA
2.94
V
VOH
High-level output voltage
IOH = − 200 µA
2.85
V
VOL
Low-level output voltage
VIC = 0,
IOL = 50 µA
15
mV
VOL
Low-level output voltage
VIC = 0,
IOL = 500 µA
150
mV
AVD
Large-signal differential
VIC = 1.5 V,
VO = 1 V to 2 V
RL = 10 kن
7
V/mV
AVD
Large-signal differential
voltage amplification
VIC = 1.5 V,
VO = 1 V to 2 V
RL = 1 Mن
600
V/mV
ri(d)
Differential input resistance
1012
Ω
ri(c)
Common-mode input resistance
1012
Ω
ci(c)
Common-mode input capacitance
f = 10 kHz
5
pF
zo
Closed-loop output impedance
f = 7 kHz,
AV = 1
200
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 1.5 V,
RS = 50 Ω
83
dB
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 8 V, VIC = VDD/2,
No load
95
dB
kSVR
Supply voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = VDD/2,
No load
95
dB
IDD
Supply current
VO = 1.5 V,
No load
11
µA
† Referenced to 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com