Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBV Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV2211CDBV
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBV Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2211CDBV Datasheet HTML 20Page - Texas Instruments TLV2211CDBV Datasheet HTML 21Page - Texas Instruments TLV2211CDBV Datasheet HTML 22Page - Texas Instruments TLV2211CDBV Datasheet HTML 23Page - Texas Instruments TLV2211CDBV Datasheet HTML 24Page - Texas Instruments TLV2211CDBV Datasheet HTML 25Page - Texas Instruments TLV2211CDBV Datasheet HTML 26Page - Texas Instruments TLV2211CDBV Datasheet HTML 27Page - Texas Instruments TLV2211CDBV Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 49
GAIN-BANDWIDTH PRODUCT†‡
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
70
55
50
75
80
− 50 − 25
0
25
50
100
75
65
VDD = 5 V
f = 10 kHz
RL = 10 kΩ
CL = 100 pF
125
−75
60
Figure 50
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
65
55
50
75
80
12
3
4
5
7
6
60
RL = 10 kΩ
CL = 100 pF
TA 25°C
8
0
70
Figure 51
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
75
°
60
°
45
°
30
°
15
°
0
101
102
103
104
105
10 k
Ω
10 k
Ω
VDD −
VDD +
Rnull
CL
VI
+
−
Rnull = 0
Rnull = 1000 Ω
Rnull = 500 Ω
TA = 25°C
Figure 52
GAIN MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
25
20
15
10
5
0
101
102
103
104
105
Rnull = 0
Rnull = 1000 Ω
Rnull = 500 Ω
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com