Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBV Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2211CDBV
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBV Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2211CDBV Datasheet HTML 3Page - Texas Instruments TLV2211CDBV Datasheet HTML 4Page - Texas Instruments TLV2211CDBV Datasheet HTML 5Page - Texas Instruments TLV2211CDBV Datasheet HTML 6Page - Texas Instruments TLV2211CDBV Datasheet HTML 7Page - Texas Instruments TLV2211CDBV Datasheet HTML 8Page - Texas Instruments TLV2211CDBV Datasheet HTML 9Page - Texas Instruments TLV2211CDBV Datasheet HTML 10Page - Texas Instruments TLV2211CDBV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2211C
TLV2211I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
0.01
0.025
0.01
0.025
VO = 1.1 V to 1.9 V,
RL = 10 kه,
25
°C
0.01
0.025
0.01
0.025
SR
Slew rate at unity gain
VO = 1.1 V to 1.9 V,
CL = 100 pF‡
RL = 10 kه,
Full
0.005
0.005
V/
µs
SR
Slew rate at unity gain
CL = 100 pF‡
Full
range
0.005
0.005
V/
µs
Vn
Equivalent input noise
f = 10 Hz
25
°C
80
80
nV/
√Hz
Vn
Equivalent input noise
voltage
f = 1 kHz
25
°C
22
22
nV/
√Hz
VN(PP)
Peak-to-peak equivalent
f = 0.1 Hz to 1 Hz
25
°C
660
660
nV
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
880
880
nV
In
Equivalent input noise
current
25
°C
0.6
0.6
fA /
√Hz
Gain-bandwidth product
f = 10 kHz,
‡
RL = 10 kه,
25
°C
56
56
kHz
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF‡
RL = 10 kه,
25
°C
56
56
kHz
BOM
Maximum output-swing
VO(PP) = 1 V,
‡
AV = 1,
‡
25
°C
7
7
kHz
BOM
Maximum output-swing
bandwidth
VO(PP) = 1 V,
RL = 10 kه,
AV = 1,
CL = 100 pF‡
25
°C
7
7
kHz
φm
Phase margin at
unity gain
RL = 10 kه,
CL = 100 pF‡
25
°C
56
°
56
°
Gain margin
RL = 10 kه,
CL = 100 pF‡
25
°C
20
20
dB
† Full range is − 40°C to 85°C.
‡ Referenced to 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com