Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBV Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2211CDBV
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBV Datasheet(HTML) 1 Page - Texas Instruments

  TLV2211CDBV Datasheet HTML 1Page - Texas Instruments TLV2211CDBV Datasheet HTML 2Page - Texas Instruments TLV2211CDBV Datasheet HTML 3Page - Texas Instruments TLV2211CDBV Datasheet HTML 4Page - Texas Instruments TLV2211CDBV Datasheet HTML 5Page - Texas Instruments TLV2211CDBV Datasheet HTML 6Page - Texas Instruments TLV2211CDBV Datasheet HTML 7Page - Texas Instruments TLV2211CDBV Datasheet HTML 8Page - Texas Instruments TLV2211CDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise . . . 21 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current ...1 pA Typ
D Very Low Power ...11 µA Per Channel Typ
D Common-Mode Input Voltage Range
Includes Negative Rail
D Wide Supply Voltage Range
2.7 V to 10 V
D Available in the SOT-23 Package
D Macromodel Included
description
The TLV2211 is a single low-voltage operational
amplifier available in the SOT-23 package. It
consumes only 11
µA (typ) of supply current and
is ideal for battery-power applications. Looking at
Figure 1, the TLV2211 has a 3-V noise level of
22 nV/
√Hz at 1kHz; 5 times lower than competitive
SOT-23
micropower
solutions.
The
device
exhibits rail-to-rail output performance for in-
creased dynamic range in single- or split-supply
applications. The TLV2211 is fully characterized
at 3 V and 5 V and is optimized for low-voltage
applications.
The TLV2211, exhibiting high input impedance
and low noise, is excellent for small-signal
conditioning for high-impedance sources, such as
piezoelectric transducers. Because of the micro-
power dissipation levels combined with 3-V
operation, these devices work well in hand-held
monitoring and remote-sensing applications. In
addition, the rail-to-rail output feature with single
or split supplies makes this family a great choice
when interfacing with analog-to-digital converters
(ADCs).
AVAILABLE OPTIONS
TA
VIOmax AT 25°C
PACKAGED DEVICES
SYMBOL
CHIP FORM‡
TA
VIOmax AT 25°C
SOT-23 (DBV)†
SYMBOL
CHIP FORM‡
(Y)
0
°C to 70°C
3 mV
TLV2211CDBV
VACC
TLV2211Y
−40
°C to 85°C
3 mV
TLV2211IDBV
VACI
TLV2211Y
† The DBV package available in tape and reel only.
‡ Chip forms are tested at TA = 25°C only.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN −
VDD−/GND
IN +
VDD+
OUT
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE†
vs
FREQUENCY
40
30
20
0
60
50
10
VDD = 3 V
RS = 20 Ω
TA = 25°C
70
80
101
102
103
104
Figure 1. Equivalent Input Noise Voltage
Versus Frequency
† All loads are referenced to 1.5 V.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001−2006, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments.


Similar Part No. - TLV2211CDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2211CDBV TI-TLV2211CDBV Datasheet
529Kb / 29P
Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211CDBV TI1-TLV2211CDBV Datasheet
680Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211CDBVR TI-TLV2211CDBVR Datasheet
713Kb / 31P
Advanced LinCMOC??RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211CDBVR TI-TLV2211CDBVR Datasheet
713Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211CDBVR TI1-TLV2211CDBVR Datasheet
680Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2211CDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2211 TI1-TLV2211_11 Datasheet
713Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2711CDBVR TI-TLV2711CDBVR Datasheet
813Kb / 32P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211IDBVR TI-TLV2211IDBVR Datasheet
713Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLV2211 TI1-TLV2211_15 Datasheet
680Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com