Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBV Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2211CDBV
Description  Advanced LinCMOS™ RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2211CDBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2211CDBV Datasheet HTML 2Page - Texas Instruments TLV2211CDBV Datasheet HTML 3Page - Texas Instruments TLV2211CDBV Datasheet HTML 4Page - Texas Instruments TLV2211CDBV Datasheet HTML 5Page - Texas Instruments TLV2211CDBV Datasheet HTML 6Page - Texas Instruments TLV2211CDBV Datasheet HTML 7Page - Texas Instruments TLV2211CDBV Datasheet HTML 8Page - Texas Instruments TLV2211CDBV Datasheet HTML 9Page - Texas Instruments TLV2211CDBV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2211C
TLV2211I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
0.47
3
0.47
3
mV
VIO
Temperature
coefficient of input
Full range
1
1
V/
°C
αVIO
coefficient of input
offset voltage
VDD = ± 1.5 V,
VIC = 0,
Full range
1
1
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±1.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
Full range
0.5
60
0.5
60
pA
IIB
Input bias current
Full range
1
60
1
60
pA
0
− 0.3
0
− 0.3
25
°C
0
to
− 0.3
to
0
to
− 0.3
to
VICR
Common-mode input
|VIO |≤5 mV,
RS = 50 Ω
25 C
to
2
to
2.2
to
2
to
2.2
V
VICR
Common-mode input
voltage range
|VIO | ≤5 mV,
RS = 50 Ω
0
0
V
voltage range
Full range
0
to
0
to
Full range
to
1.7
to
1.7
High-level output
IOH = − 100 µA
25
°C
2.94
2.94
VOH
High-level output
voltage
IOH = − 250 A
25
°C
2.85
2.85
V
VOH
voltage
IOH = − 250 µA
Full range
2.5
2.5
V
Low-level output
VIC = 1.5 V,
IOL = 50 µA
25
°C
15
15
VOL
Low-level output
voltage
VIC = 1.5 V,
IOL = 500 A
25
°C
150
150
mV
VOL
voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
500
500
mV
Large-signal
V
= 1.5 V,
RL = 10 kه
25
°C
3
7
3
7
AVD
Large-signal
differential voltage
VIC = 1.5 V,
VO = 1 V to 2 V
RL = 10 kه
Full range
1
1
V/mV
AVD
differential voltage
amplification
VO = 1 V to 2 V
RL = 1 Mه
25
°C
600
600
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ri(c)
Common-mode
input resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode
input capacitance
f = 10 kHz,
25
°C
5
5
pF
zo
Closed-loop
output impedance
f = 7 kHz,
AV = 1
25
°C
200
200
Ω
CMRR
Common-mode
VIC = 0 to 1.7 V,
VO = 1.5 V,
25
°C
65
83
65
83
dB
CMRR
Common-mode
rejection ratio
VIC = 0 to 1.7 V,
RS = 50 Ω
VO = 1.5 V,
Full range
60
60
dB
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 8 V,
VIC = VDD /2
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 8 V,
No load
VIC = VDD /2
,
Full range
80
80
dB
IDD
Supply current
VO = 1.5 V,
No load
25
°C
11
25
11
25
µA
IDD
Supply current
VO = 1.5 V,
No load
Full range
30
30
µA
† Full range for the TLV2211C is 0°C to 70°C. Full range for the TLV2211I is − 40°C to 85°C.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com