Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6680ATR
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6680ATR Datasheet HTML 9Page - STMicroelectronics PM6680ATR Datasheet HTML 10Page - STMicroelectronics PM6680ATR Datasheet HTML 11Page - STMicroelectronics PM6680ATR Datasheet HTML 12Page - STMicroelectronics PM6680ATR Datasheet HTML 13Page - STMicroelectronics PM6680ATR Datasheet HTML 14Page - STMicroelectronics PM6680ATR Datasheet HTML 15Page - STMicroelectronics PM6680ATR Datasheet HTML 16Page - STMicroelectronics PM6680ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
PM6680A
Typical operating characteristics
13/48
Figure 7.
No-audible skip no load battery
current vs input voltage
Figure 8.
Standby mode input battery current
vs input voltage
Figure 9.
Shutdown mode input battery
current vs input voltage
Figure 10.
LDO5 vs output current
Figure 11.
OUT1 = 3.3 V switching frequency
Figure 12.
OUT2 = 1.8 V switching frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com