Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680ATR Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM6680ATR
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680ATR Datasheet(HTML) 4 Page - STMicroelectronics

  PM6680ATR Datasheet HTML 1Page - STMicroelectronics PM6680ATR Datasheet HTML 2Page - STMicroelectronics PM6680ATR Datasheet HTML 3Page - STMicroelectronics PM6680ATR Datasheet HTML 4Page - STMicroelectronics PM6680ATR Datasheet HTML 5Page - STMicroelectronics PM6680ATR Datasheet HTML 6Page - STMicroelectronics PM6680ATR Datasheet HTML 7Page - STMicroelectronics PM6680ATR Datasheet HTML 8Page - STMicroelectronics PM6680ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Block diagram
PM6680A
4/48
1
Block diagram
Figure 1.
Functional block diagram
VIN
LDO5 ENABLE
5V
LINEAR
REGULATOR
REFERENCE
GENERATOR
OUT1
SMPS
CONTROLLER
FREQUENCY
SELECTOR
LEVEL
SHIFTER
STARTUP
CONTROLLER
TERMIC
CONTROLLER
+
-
+
-
4V
UVLO
VREF
NC
LDO5
4.8V
UVLO
V5SW
FB2
OUT2
SKIP
OUT2
SMPS
CONTROLLER
FSEL
HGATE2
BOOT2
PHASE2
LEVEL
SHIFTER
HGATE1
BOOT1
PHASE1
OUT1
COMP2
LGATE2
LDO5
CSENSE1
COMP1
LGATE1
LDO5
PGOOD1
SHDN
EN2
UVLO
LDO5 ENABLE
EN1
TERMIC
FAULT
VREF
FB1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com