Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680ATR Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM6680ATR
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680ATR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM6680ATR Datasheet HTML 34Page - STMicroelectronics PM6680ATR Datasheet HTML 35Page - STMicroelectronics PM6680ATR Datasheet HTML 36Page - STMicroelectronics PM6680ATR Datasheet HTML 37Page - STMicroelectronics PM6680ATR Datasheet HTML 38Page - STMicroelectronics PM6680ATR Datasheet HTML 39Page - STMicroelectronics PM6680ATR Datasheet HTML 40Page - STMicroelectronics PM6680ATR Datasheet HTML 41Page - STMicroelectronics PM6680ATR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Design guidelines
PM6680A
38/48
Equation 30
where RTOT is the sum of the ESR of the output capacitor Rout and the equivalent ESR given
by the virtual ESR network RESR.
Moreover CINT must meet the following condition:
Equation 31
Where k is a free design parameter greater than 3 and determines the minimum integrator
capacitor value CINT:
Equation 32
C must be selected as shown:
Equation 33
R must be chosen in order to have enough ripple voltage on integrator input:
Equation 34
R1 can be selected as follows:
Equation 35
Example:
OUT1=1.5 V, fSW = 290 kHz, L = 2.5 µH, Cout = 330 µF with Rout < 12 mΩ.
We design RESR = 12 mΩ. We choose CINT = 1 nF by equations 30, 33 and Cfilt = 47 pF,
RINT = 1 kΩ by eq.27, 28. C = 5.6 nF by Eq.34. Then R = 36 kΩ (eq.34) and R1 = 3 kΩ
(eq.35).
TOT
out
Z
R
C
2
1
f
×
×
π
=
TOT
out
Z
sw
R
C
2
k
f
k
f
×
×
π
=
×
>
OUT
Z
sw
m
INT
V
Vr
f
k
f
2
g
C
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
π
>
INT
C
5
C
×
>
C
R
L
R
ESR ×
=
Z
Z
f
C
1
R
f
C
1
R
1
R
×
π
×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
π
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com