Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680ATR Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6680ATR
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680ATR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6680ATR Datasheet HTML 38Page - STMicroelectronics PM6680ATR Datasheet HTML 39Page - STMicroelectronics PM6680ATR Datasheet HTML 40Page - STMicroelectronics PM6680ATR Datasheet HTML 41Page - STMicroelectronics PM6680ATR Datasheet HTML 42Page - STMicroelectronics PM6680ATR Datasheet HTML 43Page - STMicroelectronics PM6680ATR Datasheet HTML 44Page - STMicroelectronics PM6680ATR Datasheet HTML 45Page - STMicroelectronics PM6680ATR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Design guidelines
PM6680A
42/48
Equation 41
(Let's assume Tmax=75 °C in RDSon calculation). We choose standard value
RCSENSE = 560 Ω.
5.
Input capacitor
Maximum input capacitor RMS current is about 1.084 A. Then ICINRMS > 1.084 A
We put two 10
µF ceramic capacitors with Irms = 1.5 A.
6.
Synchronous rectifier
OUT1: Shottky diode STPS1L40M
OUT2: Shottky diode STPS1L40M
7.
Integrator loop
(Refer to figure 14)
OUT1: The ripple is smaller than 40 mV, then the virtual ESR network is required.
CINT = 1.5 nF; Cfilt = 47 pF; RINT = 1.1 kΩ
OUT2: The ripple is smaller than 40 mV, then the virtual ESR network is required.
CINT =1.5 nF; Cfilt =47 pF; RINT = 820 Ω
8.
Output feedback divider
(Refer to figure 6)
OUT1: R1 = 10 k
Ω; R2 = 27 kΩ
OUT2: R1 = 10 k
Ω; R2 = 10 kΩ
9.
Layout guidelines
The layout is very important in terms of efficiency, stability and noise of the system. It is
possible to refer to the PM6680A demoboard for a complete layout example.
For good PC board layout follows these guidelines:
●
Place on the top side all the power components (inductors, input and output capacitors,
MOSFETs and diodes). Refer them to a power ground plan, PGND. If possible, reserve
a layer to PGND plan. The PGND plan is the same for both the switching sections.
●
AC current paths layout is very critical (seeFigure 41). The first priority is to minimize
their length. Trace the LS MOSFET connection to PGND plan as short as possible.
Place the synchronous diode D near the LS MOSFET. Connect the LS MOSFET drain
to the switching node with a short trace.
●
Place input capacitors near HS MOSFET drain. It is recommended to use the same
input voltage plan for both the switching sections, in order to put together all input
capacitors.
●
Place all the sensitive analog signals (feedbacks, voltage reference, current sense
paths) on the bottom side of the board or in an inner layer. Isolate them from the power
top side with a signal ground layer, SGND. Connect the SGND and PGND plans only in
one point (a multiple vias connection is preferable to a 0 ohm resistor connection) near
the PGND device pin. Place the device on the top or on the bottom size and connect
the exposed pad and the SGND pins to the SGND plan (see Figure 41).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com