Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS320700 Datasheet(PDF) 12 Page - Amphenol PCD, Inc

Part # SJS320700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS320700 Datasheet(HTML) 12 Page - Amphenol PCD, Inc

Back Button SJS320700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 11Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 12Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 13Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 14Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Socket Junction Splices
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
Dim. L
M81714/65 Sealed In-Line Splices
SJS Series II Single and Double
Sealed Splice Contacts
Single SJS Splices
Materials
Insulator Body:
Polyerthermide per ASTM-D-5205
Grommet:
Silicone Rubber per A-A-59588
Internal Contact:
Copper Alloy, Gold Finish
Accordance with MIL-G-45204
Operating Range
Temperature:
-65ºC to 200ºC
Insulation Resistance:
5000 Megaohms Min.
Dielectric Withstanding Voltage:
1500 VRMS at Sea Level
200 VRMS at 100,000 ft.
Vibration & Shock:
Per MIL-T-81714
Paragraph 3.5.5 & 3.5.8
Current Rating:
13 Amps (Size 16)
7.5 Amps (Size 20)
5 Amps (Size 22)
Side View
Side View
Series II In-Line Splices are available in
single and double configurations in sizes
16, 20, and 22 AWG. These M81714/65
Splices use the same advanced
polyetherimide body, one-piece bus
assembly and construction as Amphenol
Pcd’s other M81714 connectors.
Double SJS Splices
SJS Single Splice
SJS Double Splice
M81714/65-16-1
In-Line Splice
Contact
M39029/22-193
M81714/65-20-1
M39029/22-192
M81714/65-22-1
M39029/22-191
Military P/N
APCD P/N
Ø Diameter
M81714/65-16-1
M81714/65-22-1
M81714/65-20-1
SJS316700
SJS322700
SJS320700
.324 Max
.230 Max
.290 Max
Military P/N
APCD P/N
A
M81714/65-16-2
M81714/65-22-2
M81714/65-20-2
SJS316701
SJS322701
SJS320701
.548 Max
.384 Max
.481 Max
A
B
C
B
C
.304 Max
.271 Max
.204 Max
.180 Max
.150 Max
.120 Max
M81714/65-16-2
M39029/22-193
M81714/65-20-2
M39029/22-192
M81714/65-22-2
M39029/22-191
Product Description
Splice Dimensions
Dim. L
Size 16
Size 20
Size 22
1.452 Max
1.434 Max
1.310 Max
Wire Size
Dimension L
Size 16
Size 20
Size 22
1.428 Max
1.428 Max
1.322 Max
Wire Size
Dimension L
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com