Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS320700 Datasheet(PDF) 14 Page - Amphenol PCD, Inc

Part # SJS320700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS320700 Datasheet(HTML) 14 Page - Amphenol PCD, Inc

Back Button SJS320700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 11Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 12Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 13Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 14Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Operating Range
Temperature:
-65º to 175ºC
Vibration and Shock:
Per MIL-T-81714 Paragraph
3.5.5 and 3.5.8
The SJTC Mounting Track is fabricated of
glass-filled polyetherimide which was
selected for its unique combination of high
strength, lightweight, chemical resistance
and dimensional stability. The track is
available with 2 through 20 mounting
positions and is inter-changeable with
existing aluminum track. The new track is
45% lighter than the aluminum track and
10% lighter than any other series II track
available, and meets all dimensional
requirements of MIL-T-81714.
Dimensions
M81714/69-01
CNA051300
Single
M81714/69-02
CNA052300
Double
MIL P/N
APCD P/N
Description
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
APCD P/N
Mounting Pos.
SJTC02000
SJTC03000
SJTC04000
SJTC05000
SJTC06000
SJTC07000
SJTC08000
SJTC09000
SJTC10000
SJTC11000
SJTC12000
SJTC13000
SJTC14000
SJTC15000
SJTC16000
SJTC17000
SJTC18000
SJTC19000
SJTC20000
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1.036
1.554
2.072
2.590
3.108
3.626
4.144
4.662
5.180
5.698
6.216
6.734
7.252
7.770
8.288
8.806
9.324
9.842
10.360
M81714/67 Series II
Composite Socket Junction Module Mounting Tracks
Removal Tools
Composite Socket Junction Module Mounting Tracks
Materials
Rail:
Glass Filled Polythermide,
Color: Black
Removal Tools
Top View
Cross Section
DOUBLE
SINGLE
COMMON PROFILE
3.30 Max
.892
DIM. B
.890
.972
.259
.224
TYP
M81714/67-02
M81714/67-03
M81714/67-04
M81714/67-05
M81714/67-06
M81714/67-07
M81714/67-08
M81714/67-09
M81714/67-10
M81714/67-12
M81714/67-13
M81714/67-14
M81714/67-15
M81714/67-16
M81714/67-18
M81714/67-19
M81714/67-20
Military Equivalent P/N
Composite Socket Junction Module Mounting Tracks
*Size 12 Modules require two mounting positions
A
AB
0.518
1.036
1.554
2.072
2.590
3.108
3.626
4.144
4.662
5.180
5.698
6.216
6.734
7.252
7.770
8.288
8.806
9.324
9.842
Product Description
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com