Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS320700 Datasheet(PDF) 10 Page - Amphenol PCD, Inc

Part # SJS320700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS320700 Datasheet(HTML) 10 Page - Amphenol PCD, Inc

Back Button SJS320700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 11Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 12Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 13Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 14Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
SJP022000
20
22/22
M39029/22-191
A
APCD P/N
Contact P/N
Board Mount Socket Junction Modules
Series II Size 12,16, 20, 22
Module Configurations
Board Mount Socket Junctions
QTY
Size
Config.
Materials
Module Body:
Polytherimide per ASTM-D5205
Grommet:
Silicone Blend Elastomer per A-A-59588
Contact Retainers:
Stainless Steel
Socket Contacts:
Copper Alloy, Hard Gold Plated in
Accordance with MIL-G-45204
Operating Range
Temperature:
-65ºC to 125ºC
Insulation Resistance:
1000 Megaohms Min.
Dielectric Withstanding Voltage:
1500 VRMS at Sea Level
200 VRMS at 80,000 ft.
Current rating:
5 Amps (Size 22)
7.5 Amps (Size 20)
13 Amps (Size 16)
23 Amps (Size 12)
C
AB
The socket junction modules indicate on
the following pages can also be provided in
a solder pin version for mounting directly to
printed circuit boards, providing a flexible,
compact wiring package and eliminating the
need for mounting track. Please contact
Amphenol Pcd for details on the SJP pin
module.
SJP022010
20
22/22
M39029/22-191
SJP020000
12
20/20
M39029/22-192
B
A
A
D
G
K
H
E
B
L
J
F
C
M
SKT
SJP020010
12
20/20
M39029/22-192
B
SJP016000
6
16/16
M39029/22-193
C
SJP016010
6
16/16
M39029/22-193
SJP012000
6
12/12
M39029/22-605
D
C
SJP012010
6
12/12
M39029/22-605
D
SJP012010
6
12/12
M39029/22-605
D
Board Mount Socket Junction Modules Dimensions
Size 22
Size 20, 16
Size 12
Side View
Side View
Side View
Side View
Side View
Side View
.672±.015
.510±.030
.510±.010
.675±.010
.760 MAX
20X Ø.030±.001
L ±.010
12X Ø .040 ± .001
.920 MAX
L ±.010
.187
.250
.187
.250
.187
.250
.187
.250
.335
DIM. L
Product Description
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com