Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS320700 Datasheet(PDF) 13 Page - Amphenol PCD, Inc

Part # SJS320700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS320700 Datasheet(HTML) 13 Page - Amphenol PCD, Inc

Back Button SJS320700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 11Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 12Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 13Page - Amphenol PCD, Inc SJS320700 Datasheet HTML 14Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Socket Junction Modules
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
Military P/N
APCD
Mounting Pos.*
M81714/67-02
M81714/67-03
M81714/67-04
M81714/67-05
M81714/67-06
M81714/67-07
M81714/67-08
M81714/67-09
M81714/67-10
M81714/67-12
M81714/67-13
M81714/67-14
M81714/67-15
M81714/67-16
M81714/67-18
M81714/67-19
M81714/67-20
M81714/67-21
M81714/67-25
M81714/67-30
M81714/67-32
M81714/67-40
SJT502404
SJT503404
SJT504404
SJT505404
SJT506404
SJT507404
SJT508404
SJT509404
SJT510404
SJT512404
SJT513404
SJT514404
SJT515404
SJT516404
SJT518404
SJT519404
SJT520404
SJT521404
SJT525404
SJT530404
SJT532404
SJT540404
2
3
4
5
6
7
8
9
10
12
13
14
15
16
18
19
20
21
25
30
32
40
M81714/67 Series II
Socket Junction Module Mounting Tracks
Removal Tools
Socket Junction Modules Mounting Tracks
Dimensions
B
Materials
Rail:
Aluminum Alloy, Black Anodized
Spring Clips:
Stainless Steel
Rivets:
Stainless Steel
Operating Range
Temperature:
-65º to 200ºC
Corrosion:
No Exposure of Base Metal
After 48 Hours of Salt Spray
Magnetic Permeability:
2.0 MU Max.
Vibration and Shock:
Per MIL-T-81714 Paragraph
3.5.5 and 3.5.8
Removal Tools
Top View
Cross Section
1.036
1.554
2.072
2.590
3.108
3.626
4.144
4.662
5.180
6.216
6.734
7.252
7.770
8.288
9.324
9.842
10.360
10.878
12.950
15.540
16.576
20.720
0.518
1.036
1.554
2.072
2.590
3.108
3.626
4.144
4.662
5.698
6.216
6.734
7.252
7.770
8.806
9.324
9.842
10.360
12.432
15.022
16.058
20.202
.194 DIA ELONGATED HOLE
B
.224
TYP
.518
TYP
.915
MAX
.665
1.060
MAX
.167
M81714/69-01
CNA051300
Single
M81714/69-02
CNA052300
Double
MIL P/N
APCD P/N
Description
DOUBLE
SINGLE
COMMON PROFILE
3.30 Max
A
Socket Junction Track Dimensions
Amphenol Pcd
*Size 12 Modules require two mounting positions
A
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com