Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R03 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R03
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R03 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R03 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
19/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
6
Register Map
R = Read ; W = Write ; R/W = Read/Write
Register
Address
Register Description
Attribute
Default
value
01H
Half duplex control
Bit [0]: Drops the packet that encounters 16 successive collisions.
1: Drop; 0: Forward
Bit [1]: Collision back off.
1: Disable; 0: Enable
Bit [2]: Reserved and should be set to “0”.
Bit [3]: Broadcast BPDU packet.
1: Broadcast; 0: Drop
Bit [4]: Reserved and should be set to “0”.
Bit [15]~ Bit 5: Not used.
R/W
5’h0A
02H
Network configuration packet capture:
Bit [0]: Spanning tree.
1: Capture & forward to the CPU port.
0: Drop.
Bit[1]: In-band management packet(Destinatopn MAC Address
=This Switch MAC Address)
1: Capture & forward to the CPU port.
0: Drop
Note:
If this bit is set to “1”, the ARP will be sent to CPU port too.
Bit[2]: LACP
1:
Only forward to the CPU port when register1 bit[3]= 0.
Braodcast to other ports when register1 bit[3]=1
0: Drop
Bit[3]: GVRP
1: Capture & forward to the CPU port only .
0: Broadcast
IP packet capture
Bit[5:4] : ICMP
Bit[7:6] : IGMP
Bit[9:8] : TCP
Bit[11:10] : UDP
Bit[13:12] : OSPF
Bit[15:14] : Others
00 : Send to port 1 ~ port 16 only
01 : Send to port 18(CPU) and port 1 ~ port 16
10 : Send to port 18(CPU) only
Note:
1. When the packet capture function is enabled, port 18 should be
set to as CPU port.
2. If only one CPU port is required, it’s recommedded to set port 18
as the CPU port.
R/W
16’h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com