Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R03 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R03
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R03 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R03 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
9/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Pin description (continued)
Pin No.
Label
Type
Description
Power & Ground
68
VDDPLL
P
1.8V Power for PLL
69
GNDPLL
P
Ground for PLL
4,37,57,80,114
VDD18
P
1.8V Power for Core circuit
3,38,58,81,113
GND18
P
Ground for core circuit
2,23,39,52,66,8
3,101,115
VDD33
P
3.3/1.8V Power for I/O PAD
1,24,40,51,65,8
2,102,116
GND33
P
Ground for I/O PAD
Power On setting. These pins’ state will be latched upon reset
117
1st MII_Force_Link
IL, PU This pin is pulled up internally. Connecting a pull down
resistor to this pin will force the 1st MII linking to the
external device regardless of the PHY polling status,
119
2nd MII_Force_Link
IL, PU This pin is pulled up internally. Connecting a pull down
resistor to this pin will force the 2nd MII linking to the
external device regardless of the PHY polling status,
121
IO_SLEW
IL, PD Output PAD slew rate setting. 1: fast, 0: normal (Default)
128, 123
IO_DRIVE[1:0]
IL, PD Output PAD driving current capability
00 : 4mA (Default)
01 : 8mA
10 : 12mA
11 : 16mA
7
MII 1_LINK_CPU
IL, PD 1st MII (port 17) linked to CPU.
1: 1st MII is connected to CPU.
0: 1st MII is the normal port (Default)
9
MII 2_LINK_CPU
IL, PD 2nd MII (port 18) linked to CPU.
1: 2nd MII is connected to CPU.
0: 2nd MII is the normal port (Default)
11
MII 1_REV_MII
IL, PD 1st MII (port 17) is reverse MII interface
1: Reverse MII; 0:Normal MII (Default).
15
MII 2_REV_MII
IL, PD 2nd MII (port 18) is reverse MII interface.
1: Reverse MII; 0:Normal MII (Default).
19,17
TEST_MODE[1:0]
IL, PD Reserved for IC test.
21
IPG_COMP_EN
IL, PD Transmit IPG compensation (+80ppm)
1: Enable; 0: Disable (Default)
28
FCTRL_OFF
IL, PD Disable the full duplex flow control of all ports
1: Disable; 0: Enable (Default)
31
BKP_OFF
IL, PD Disable the half duplex backpressure control of all ports.
1: Disable; 0: Enable (Default).
33
BCST_CTRL_EN
IL, PD Enable the broadcast storm control
1: Enable; 0: Disable (Default)
35
AUTO_OFF_FC
IL, PD 1: Auto turn off the flow control, when the flow control
and the priority is enabled.
0: Flow control works normally (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com