Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R03 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R03
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R03 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R03 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
26/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Register
Address
Register Description
Attribute
Default
value
74H
Auto negotiation for port18~pot17, 1 bit per port
bit[9:8] :
0: auto negotiation disable;
1: auto negotiation enable
Other bits are reserved.
R/W
10’h3ff
75H
Speed setting for port16~pot1, 1 bit per port
bit[15:0] : 0: 10Mb
1: 100Mb
The LSB corresponds to port 1.
R/W
16’hffff
76H
Speed setting for port18~pot17, 1 bit per port
bit[9:8] : 0: 10Mb;
1: 100Mb
The bit 8 corresponds to port 17.
Other bits are reserved.
R/W
10’h3ff
77H
Duplex setting for port16~pot1, 1 bit per port
bit[15:0] : 0: Half duplex;
1: Full duplex
The LSB corresponds to port 1.
R/W
16’hffff
78H
Duplex setting for port18~pot17, 1 bit per port
bit[9:8] :
0: Half duplex; 1: Full duplex
The bit 8 corresponds to port 17.
Other bits are reserved.
R/W
10’h3ff
79H
Pause setting for port16~pot1, 1 bit per port
bit[15:0] : 0: disabled
1: enabled
The LSB corresponds to port 1.
R/W
16’hffff
7AH
Pause setting for port18~pot17, 1 bit per port
bit[9:8] :
0: disabled; 1: enabled
The bit8 corresponds to port 17.
Other bits are reserved.
R/W
10’h3ff
7BH
Backpressure setting for port16~pot1, 1 bit per port
bit[15:0] : 0: disabled;
1: enabled
The LSB corresponds to port 1.
R/W
16’hffff
7CH
Backpressure setting for port18~pot17, 1 bit per port
bit[9:8] :
0: disable; 1: enable
The bit8 corresponds to port 17.
Other bits are reserved.
R/W
10’h3ff
7DH
Transmit enable for port16~pot1, 1 bit per port
bit[15:0] : 0: Tx. disabled
1: Tx. Enabled
The LSB corresponds to port 1.
R/W
16’hffff
7EH
Transmit enable for port18~pot17, 1 bit per port
bit[9:8] :
0: Tx. Disabled; 1: Tx. Enabled
The bit8 corresponds to port 17.
Other bits are reserved.
R/W
10’h3ff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com