Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R03 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R03
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R03 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1718LF-DS-R03 Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
MII Receive Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TRxClk
Receive clock period 100Mbps MII
-
40
-
ns
TRxClk
Receive clock period 10Mbps MII
-
400
-
ns
TRxClk_D
MII_RXCLK falling edge to RXDV, RXD
1
-
4
ns
TRxClk_H
MII_RXCLK
RXDV, RXD[3:0]
TRxClk
7.3
DC Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output low voltage
VOL
0.4
V
Output high voltage
VOH
1.7V for 1.8V I/O supply voltage;
3V for 3.3V I/O supply voltage;
V
Low level output current
IOL
mA
High level output current
IOH
VDD33 supply current
VDD18 supply current
VDDPLL supply current
VDD33 supply voltage
1.8 or
3.3
V
VDD18 supply voltage
1.8
V
VDDPLL supply voltage
1.8
V
SS-SMII Input Low to High
treshold
point(3.3V
operation)
VT+
1.66
1.75
1.79
V
SS-SMII Input High to Low
treshold
point
(3.3V
operation)
VT-
0.93
1.01
1.06
V
Pull-down resistor
RPD
51
127
K
Ω
ӨJc
ӨJa
31/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com