Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R05 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R05
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R05 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R05 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
10/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Pin description (continued)
Pin No.
Label
Type
Description
Power On setting. These pins will be latched upon reset
(continued)
41
AGING_OFF
IL, PD Disable the MAC address table aging function
1: Disable; 0: Enable (Default)
43
HOME_VLAN_EN
IL, PD 1: Enable the home VLAN setting :
Port 1 ~ Port16 are all individual VLAN shared with 2
MII ports. For example, Port 1, port 17 and port 18 form
a VLAN group, etc.
1: Enable; 0: Disable (Default)
47, 45
TRUNK_0_ON[1:0]
IL, PD The trunk group 0 setting:
00 : no trunk (Default)
01 : port 1, 2 trunk-grouped
10 : port 1, 2, 3 trunk-grouped
11 : port 1, 2, 3, 4 trunk-grouped
54
BPDU_BCST_OFF
IL, PD Filter the packet with MAC destination address
01-80-c2-00-00-03~01-80-c2-00-00-0F
0 : Broadcast (Default)
1 : Filter
59
TAG_PRI_ON
IL, PD Enable 802.1Q TAG priority function of all ports
1:Enable; 0: Disable (Default)
61
IP_PRI_ON
IL, PD Enable IP TOS/DS priority function of all ports
1: Enable; 0: Disable (Default)
63
FAST_TEST_MODE IL, PD Reserved for IC test.
108,107,94,93,
92,91
PORT_PRI_ON[5:0]
IL, PD Enable port base high priority function of port 1~ port 6
1: Enable; 0: Disable (Default)
109,110
WRR_RATIO_SET[1:0] IL, PD The ratio of the packet number for the weighted round
robin. The switch engine handles both priority queues
based on the ratio of the packet number defined below.
00 : First in first out (Default)
01 : 2/1
10 : 4/1
11 : 8/1
When these bits are set to “00”, the CoS priority will be void.
50, 26, 126
DELAY_SSSMII[2:0]
IL, PD The delay time of SS-SMII transmit data
delay_sssmii[0] : port 1~ port 8
delay_sssmii[1] : port 9~ port 16
delay_sssmii[2] : reserved
1: 4ns delay; 0: no delay(Default)
Note:
1. All the trapped pins are latched upon reset and are pulled down or pulled up by a 50K resistor inside
the chip.
2. The designer can connect a 4.7K ohms resistor to set these pins to “1” or “0” to change the default
state.
3. The content of an EEPROM will override the pin setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com