Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R05 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R05
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R05 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R05 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
The IP1718 LF can be enforced to run at a specified mode without referring to the PHY status. When
enforced, the IP1718 LF will write the forced mode to the corresponding PHY through MDC/MDIO and
poll the link status of PHY. Care should be taken that the operating mode in both MAC side and PHY side
should be consistent.
By programming the register 80H and 81H, the user can easily set the PHY register to a specified value.
Since the MDC runs at 2.5 Mhz clock speed, the CPU should check whether the current command has
been completed or not before issuing the next command. Bit 13 in the register 80H indicates the
progress of the read/write operation.
5.3
Programming the Internal Registers
There is no need to program the register of the IP1718 LF for the generic application. However it’s
probably necessary to program the internal register to fit some special applications. The interface
between the IP1718 LF and the CPU is a serial bus which comprises a clock and a I/O signal. Like the
access cycle of the serial management interface, the serial interface comprises the device ID, the
read/write command, the address and the data. The access cycle is depicted as below.
"0"
"0"
A7
A6
A5
A4
A3
A2
A1
A0
"1"
"1"
"0"
"1"
"0"
"Z"
"0" D15
D14 D13
........
.
D0
SCPUC
SCPUIO
Fig. 5.1 The CPU read data fromthe IP1718 LF
Driven by the CPU
Driven by the IP1726
"0"
"0"
A7
A6
A5
A4
A3
A2
A1
A0
"1"
"1"
"0"
"0" "1"
"1"
"0" D15 D14 D13
........
.
D0
SCPUC
SCPUIO
Fig. 5.2 The CPUwrite data to the IP1718 LF
Driven by the CPU
The access cycle is much like the access cycle of MDC, MDIO. Care should be taken that the switch ID
is 2-bit wide rather than 5-bit wide.
5.4
SS-SMII
The transmitter of the MAC transfers the transmit data to the PHY at the rising edge of TXCLK and the
TXSYNC indicates the start of the 10-bit frame. By recognizing the high pulse of the TXSYNC, the PHY
can capture the correct transmit data stream. The PHY transfers the receive data to the IP1718 LF in a
similar way. The difference is that the signal direction is reverse.
Accompanied by the high pulse of TXSYNC, the TXEN status is present on the TXDATA pin and then the
TX-ER status and finally 8-bit data. For the RX part of SS-SMII, the CRS(Carrier Sense) status is present
17/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com