Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R05 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R05
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R05 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R05 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
CPU Serial Bus Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TS_C
SCPUC cycle time
400
-
ns
TSIO_SU
Serial I/O set up time
10
-
ns
TSIO_H
Serial I/O hold time
10
-
-
ns
TSIO_D
Serial I/O output delay time
-
20
ns
TS_C
SCPUC
SCPUIO
(Input)
Serial I/O Input Cycle
TSIO_H
TSIO_SU
SCPUC
SCPUIO
(Output)
Serial I/O Output Cycle
TSIO_D
MII Transmit Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TTxClk
Transmit clock period 100Mbps MII
-
40
-
ns
TTxClk
Transmit clock period 10Mbps MII
-
400
-
ns
TTxClk_SU
TXEN, TXD to MII_TXCLK setup time
2
-
-
ns
TTxClk_H
TXEN, TXD to MII_TXCLK hold time
0.5
-
-
ns
MII_T XC LK
TXE N , TXD [3:0]
T TxClk_SU
TTxClk_H
T TxClk
30/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com