Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R05 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R05
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R05 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R05 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1718LF-DS-R05 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
12/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
4.2
Switch Engine and Queue Management
4.2.1 Store & Forward Mechanism
The IP1718 LF utilizes the “store & forward” method to handle the switch engine. Each data packet will
not be forwarded to the destination port until the entire packet is received. The internal mechanism will
check whether the packet is correct. The data packet will be forwarded to the destination port if the
packet is correct; otherwise it will be discarded.
Besides the erroneous packet and the 802.3x pause packet are not forwarded. The 802.1D Reserved
Group packet with 01-80-c2-00-00-03 ~ 01-80-c2-00-00-0F MAC address can be optionally dropped by
setting pin 54 or register 01H.
4.2.2 Address Learning and aging time
The address learning function for each port can be either disabled or enabled by setting the
corresponding bit in registers 31H and 32H. The overall MAC address capacity is 4096. The aging time
can be programmed according to the system requirement, ranging from 30sec to 8400sec +-6.7%.
The IP1718 LF provides two kinks of hash method to store the MAC address table. One is the direct
mapping and the other is the CRC-12 algorithm. When the direct mapping method is selected, the
IP1718 LF recognizes the least significant 12 bits of the source MAC address. When the CRC-12
algorithm is used, the IP1718 LF executes the following equation to decide the address of the MAC
address table.
CRC-12 equation: X^12+X^11+X^3+X^2+X+1
Some source MAC address will be excluded in MAC address table. These data packets are:
Erroneous packet
802.3x pause packet
802.1D Reserved Group packet
Multicast source MAC address
4.2.3 Class of Service
The IP1718 LF implements two levels of priority queues, high priority and low priority. The priority for
each data packet is based on one of the following schemes: 802.1Q VLAN tag, IP TOS/DS or physical
port. Each incoming data packet can be mapped to either one priority. When no CoS function is enabled,
the first-in first-out forwarding method is used.
When the CoS for 802.1Q VLAN tag is enabled, the IP1718 LF will recognize 3 bits of precedence
carried by the VLAN tag and map it to the specified priority. The data precedence 0 to 3 will be treated as
low priority packet, and the packet with other values will be stored in high priority queue. Setting register
25H and 26H to “1” will enable the CoS function for the corresponding port. The LSB of both registers
controls the lowest port ID for that group. For example, the bit 0 of register 25H corresponds to port 1.
The IP1718 LF provides the IP layer CoS function by recognizing the DSCP(Differentiated Service Code
Point) Octet and mapping it to the specified priority. For IPv4 packet, DSCP is embedded in the TOS(type
of Service) Octet. For a IPv6 data packet, the Traffic Class Octet can be used to differentiate the Class of
Service. When this function is enabled, the IP1718 LF will automatically recognize the IP version and
capture the either the TOS field(IPv4) or Traffic Class(IPv6). The following tables show the location of
DSCP in a packet.
Destination MAC
Address(6 bytes)
Source MAC
Address(6 bytes)
0800H
IP version =
0100b(4 bits)
IHL(4 bits)
TOS(8 bits).
IP1718 LF maps
TOS[5:0] to 2 levels of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com