Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAW5SN Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LAW5SN
Description  Platinum DRAGON Enhanced thin film LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW5SN Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LAW5SN Datasheet HTML 3Page - OSRAM GmbH LAW5SN Datasheet HTML 4Page - OSRAM GmbH LAW5SN Datasheet HTML 5Page - OSRAM GmbH LAW5SN Datasheet HTML 6Page - OSRAM GmbH LAW5SN Datasheet HTML 7Page - OSRAM GmbH LAW5SN Datasheet HTML 8Page - OSRAM GmbH LAW5SN Datasheet HTML 9Page - OSRAM GmbH LAW5SN Datasheet HTML 10Page - OSRAM GmbH LAW5SN Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Vorläufige Daten / Preliminary Data
LR W5SN, LA W5SN, LY W5SN
2007-08-16
7
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); TA = 25 °C
Relative Spannung
2) Seite 17
Relative Voltage
2) page 17
ΔV
F = VF - VF(25 °C)= f (Tj); IF = 700 mA
Relativer Lichtfluss
2)7) Seite 17
Relative Luminous Flux
2) 7) page 17
Φ
V/ΦV(700 mA) = f (IF); TA = 25 °C
Relativer Lichtstrom
2) Seite 17
Relative Luminous Flux
2) page 17
Φ
V/ΦV(25 °C)= f (Tj); IF = 700 mA
OHL02681
1.5
IF
VF
V
mA
10
1
3
10
5
5
10
2
1.7 1.9 2.1 2.3 2.5 2.7 2.9
3.3
2000
-60
-0.10
-40 -20
0
20
˚C
60
40
Tj
100
OHL02985
V
F
V
Δ
-0.05
0
0.05
0.10
0.15
0.20
0.30
10
10
1
mA
2
10
I
F
3
OHL12619
V (700 mA)
V
5
V
Φ
V
Φ
10
1
10
-1
5
10
0
OHL12880
0
-40
˚C
T
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
j
-60
yellow
Φ
V (25 ˚C)
V
Φ
amber
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com