Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAW5SN Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LAW5SN
Description  Platinum DRAGON Enhanced thin film LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW5SN Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LAW5SN Datasheet HTML 4Page - OSRAM GmbH LAW5SN Datasheet HTML 5Page - OSRAM GmbH LAW5SN Datasheet HTML 6Page - OSRAM GmbH LAW5SN Datasheet HTML 7Page - OSRAM GmbH LAW5SN Datasheet HTML 8Page - OSRAM GmbH LAW5SN Datasheet HTML 9Page - OSRAM GmbH LAW5SN Datasheet HTML 10Page - OSRAM GmbH LAW5SN Datasheet HTML 11Page - OSRAM GmbH LAW5SN Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Vorläufige Daten / Preliminary Data
LR W5SN, LA W5SN, LY W5SN
2007-08-16
8
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LR
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LY
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 16
Dominant Wavelength
2) page 16
LA
,
λ
dom = f (IF); TA = 25 °C
I
OHL02618
dom
λ
0
mA
nm
F
623.5
400
800
1200
1600
624
624.5
625
625.5
626
626.5
627.5
OHL02911
588.0
0
nm
588.5
589.0
589.5
590.0
590.5
591.5
λ
dom
F
I
200
400
600
800
mA 1200
I
OHL02617
dom
λ
0
mA
nm
F
615.5
400
800
1200
1600
616
616.5
617
617.5
618
618.5
619.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com