Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP113ALF
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP113ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IP113A LF
Preliminary Data Sheet
10/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
1.
PIN Description (continued)
Pin no.
Label
Type
Description
EEPROM interface
45, 46
SDA, SCL
IPH, O EEPROM interface
37, 12, 46
A[2:0]
IPL
PHY address
IP113A LF uses A[2:0] as EEPROM address to read
EPROM.
Pin no.
Label
Type
Description
Misc.
28
RESETB
I
Reset
It is low active.
41, 40
OSCI, X2
I, O
Crystal pins
OSCI and X2 are connected to a 25Mhz crystal.
If a 25MHz oscillator is used, OSCI is connected to the
oscillator’s output and X2 should be left open.
26, 27
TSM, TSE
IPL
Scan pins
These two pins should be left open or connected to ground
for normal operation.
Pin no.
Label
Type
Description
Power
1,7,11
AVCC
2.5V Analog Power
19,39,44
VCC
2.5V Digital Power
34
VCC_IO
3.3V or 2.5V Digital Power
35
GND_IO
I/O Ground
4,10,20,
42,43
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com