Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP113ALF
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP113ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
IP113A LF
Preliminary Data Sheet
18/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
EEPROM registers (continued)
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Switch configuration register 1
2.0
reserved
--
The default value must be adopted for normal
operation.
0
2.1
direct_wire
--
Please see pin description of DIRECT_WIRE for
more detail information.
Pin (0)
2.2
fast_fwd
--
Please see pin description of FAST_FWD for more
detail information.
Pin (0)
2.3
mg_pass_fragment
_
en
--
Pass fragment packet (>7B and <64B)
1: pass fragment
0: not pass fragment
0
2.4
mg_col16_drop_en
--
Collision 16 times drop enable
1: drop
0: not drop
0
2.5
mg_col_backoff
_en
--
Collision back-off enable
1: back after collision
0: not back off after collision
1
2.6
reserved
--
The default value must be adopted for normal
operation.
0
2.7
p01_mg_backpress_en
--
TP port backpressure control enable for half
duplex
1: backpressure enable
0: backpressure disable
1
3.0
reserved
--
The default value must be adopted for normal
operation.
0
3.1
reserved
--
The default value must be adopted for normal
operation.
0
3.2
reserved
--
The default value must be adopted for normal
operation.
1
3.3
reserved
--
The default value must be adopted for normal
operation.
1
3.4
mg_em_bist_en
--
SSRAM BIST enable (R/W by EEPROM only)
1: BIST enable
0: bypass BIST
1
3.5
tp_force
--
This
pin
overwrites
the
setting
on
pin
26
TP_FORCE.
Pin (0)
3.6
mg_receive_en
--
TP receive enable
1: TP port can receive packet
0: TP port drop all received packet
1
3.7
reserved
--
The default value must be adopted for normal
operation.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com