Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP113ALF
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP113ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
IP113A LF
Preliminary Data Sheet
21/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
3.
Signal Requirements
Absolute Maximum Rating
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
–0.3V to Vcc+0.3V
Input Voltage
–0.3V to Vcc+0.3V
Output Voltage
–0.3V to Vcc+0.3V
Storage Temperature
-55
°C to 125°C
Ambient Operating Temperature (Ta)
0
°C to 70°C
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
2.375
2.5
2.625
V
Power Consumption
0.475
W
VCC=2.5v
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-100
+100
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOH=4mA
Output High Voltage
VOH
VCC_I
O-0.4
V
IOL=4mA
4.
Order Information
Part No.
Package
Notice
IP113A
48-PIN LQFP
-
IP113A LF
48-PIN LQFP
Lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com