Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IP113ALF
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IP113ALF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IP113A LF
Preliminary Data Sheet
5/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
1.
PIN Description
Type
Description
I
Input pin
O
Output pin
IPL
Input pin with internal pull-low resistor.
IPH
Input pin with internal pull-high resistor.
Pin no.
Label
Type
Description
Transceiver
5, 6
RXIP, RXIM
I
TP receive
8, 9
TXOP, TXOM
O
TP transmit
2
BGRES
O
Band gap resistor
It is connected to GND through a 6.19k (1%) resistor in
application circuit.
18
FXSD
I
100Base-FX signal detect
Fiber signal detect. It is an input signal from fiber MAU.
Fiber signal detect is active if the voltage on FXSD is higher
than the threshold voltage, which is 1.35v
±5% when VCC
is equal to 2.5v.
13, 14
FXRDP, FXRDM
I
Fiber receiver data pair
Common-mode voltage of FXRDP and FXRDM are
suggested to near 0.5x AVCC.
When voltage peak-to-peak>0.1V,FXRX could be
workable.
16, 17
FXTDP, FXTDM
O
Fiber transmitter data pair
FXTX with the external 100Ω resistor.
Common-mode voltage of FXTDP and FXTDM are
suggested to near 0.5x AVCC.
Swing of Voltage ≧ 0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com