Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R01
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP113ALF-DS-R01 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IP113A LF
Preliminary Data Sheet
1/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
10 /100Base-Tx/Fx Media Converter
Features
A 10/100BASE-TX/ 100BASE-FX converter
Built in a 10/100BASE-TX transceiver
Built in a PHY for 100BASE-FX
Built in a 2-port switch
Pass all packets without address and
CRC check (optional)
Supports modified cut-through frame
forwarding for low latency
Supports pure converter mode data
forwarding for extreme low latency
Supports flow control for full and half
duplex operation
Bandwidth control
Forward 1600 bytes packet for
management
Optional forward fragments
Built in 128Kb RAM for data buffer
Supports auto MDI-MDIX function
Supports link fault pass through function
Supports far end fault function
LED display for link/activity, full/half, 10/100
Built in a watchdog timer to monitor internal
switch error
Supports EEPROM Configuration
0.25u CMOS technology
Single 2.5V power supply
48-pin LQFP package
Support Lead Free package (Please refer to
the Order Information)
General Description
IP113A
LF
can
be
a
10/100BASE-TX
to
100BASE-FX converter. It consists of a 2-port
switch controller, a fast Ethernet transceiver and a
PHY for 100BASE-FX. The transceivers in IP113A
LF are designed in DSP approach with advance
0.25-um technology; this results in high noise
immunity and robust performance.
IP113A LF not only supports store and forward
mode, it also supports modified cut through mode
and pure converter mode for low latency data
forwarding. IP113A LF can transmit packet(s) up
to 1600 bytes to meet requirement of extra long
packets.
IP113A LF supports IEEE802.3x, collision base
backpressure, and various LED functions, etc.
These functions can be configured to fit the
different
requirements
by
feeding
operation
parameters
via
EEPROM
interface
or
pull
up/down resistors on specified pins.


Similar Part No. - IP113ALF-DS-R01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP113F ETC2-IP113F Datasheet
1Mb / 46P
Managed 10/100Base-TX / FX Media Converter
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
IP113MLF-DS-R01 ETC2-IP113MLF-DS-R01 Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
IP113MLF-DS-R02 ETC2-IP113MLF-DS-R02 Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
IP113MLF-DS-R03 ETC2-IP113MLF-DS-R03 Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
More results

Similar Description - IP113ALF-DS-R01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
100Base-TX/FX Converter
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
IP113F ETC2-IP113F Datasheet
1Mb / 46P
Managed 10/100Base-TX / FX Media Converter
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
10/100BASE-TX to 100BASE-FX MMF ST Converter,
logo
Axiomtek Co., Ltd.
EL1032T AXIOMTEK-EL1032T Datasheet
330Kb / 4P
Industrial 10/100BASE-TX to 100BASE-FX Media Converter with PoE/PSE
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
EL200 AXIOMTEK-EL200 Datasheet
481Kb / 3P
10/100BASE-TX to 100BASE-BX WDM Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Axiomtek Co., Ltd.
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
Hardened 10/100BASE-TX to 100BASE-FX Media Converter
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com