Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R01 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R01
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R01 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IP113ALF-DS-R01 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
IP113A LF
Preliminary Data Sheet
17/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
EEPROM registers
Type
Description
Type
Description
R/W
Read/Write
RC
Read and Clear
SC
Self-Clearing
LL
Latching Low
RO
Read Only
LH
Latching High
Pin(1)
The default value is “1” and it depends
on the setting of its corresponding pin.
Pin(0)
The default value is “0” and it depends
on the setting of its corresponding pin.
ROM
NAME
R/W
DESCRIPTION
DEFAULT
EEPROM enable register 0
0[7:0]
--
EEPROM enable register 0
This register should be filled with 55. IP113A LF
will examine the specified pattern to confirm if
there is a valid EEPROM.
55h
ROM
NAME
R/W
DESCRIPTION
DEFAULT
EEPROM enable register 1
1[7:0]
--
EEPROM enable register 1
This register should be filled with AA. IP113A LF
will examine the specified pattern to confirm if
there is a valid EEPROM. The initial setting is
updated with the content of EEPROM only if the
specified pattern 55AA is found.
AAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com