Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R01
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP113ALF-DS-R01 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IP113A LF
Preliminary Data Sheet
Link fault pass through
When link fault pass through function is enabled, link status on TX port will inform the FX port of the
same device and vice versa. From the link fault pass through procedure illustrates in the figure below, if
link fail happens on IP113A LF’s TX port (1), the local FX port sends non-idle pattern to notice the remote
FX port (2). The remote FX port then forces its TX port to link failed after receiving the non-idle pattern
(4). In other words, this mechanism will alert the link fault status of local TX port to the remote converter’s
TX port, and the link status of the remote TX port will become off. Link status LED will also be off for both
IP113A LF and its link partner.
IP113A
LF
IP113A
LF
UTP
Fiber
Switch1 or
NIC 1
Switch2 or
NIC 2
(1) TP port link failed
link off
The procedure of link fault pass through
(3) fiber port gets remote
link fault information
(4) TP link fail
(5) remote TP
link is off
(2) fiber port sends
non-idle pattern
UTP
local
remote
Normal case
IP113A
LF
IP113A
LF
UTP
UTP
Fiber
Switch1
Switch2
LED
SW1
LED_TP_LINK1 LED_FX_LINK1
LED
SW2
local
remote
LED_FX_LINK2 LED_TP_LINK2
Link LED on
SW1
LED_TP_LINK1 LED_FX_LINK1 LED_FX_LINK2 LED_TP_LINK2
Link LED on
SW2
ON
ON
ON
ON
ON
ON
Remote TP port disconnected
IP113A
LF
IP113A
LF
Fiber
Switch1
Switch2
LED
SW1
LED
SW2
local
remote
LED_TP_LINK1 LED_FX_LINK1
LED_FX_LINK2 LED_TP_LINK2
UTP
UTP
disconnect
Link LED on
SW1
LED_TP_LINK1 LED_FX_LINK1 LED_FX_LINK2 LED_TP_LINK2
Link LED on
SW2
Off
Off
Off
Off
Off
Off
April 9, 2007
13/22
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com