Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R01
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP113ALF-DS-R01 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113ALF-DS-R01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IP113A LF
Preliminary Data Sheet
7/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
1.
PIN Description (continued)
Pin no.
Label
Type
Description
MC operation mode
29
X_EN
O/IPH
IEEE 802.3X enable on TP port and fiber port
1: enable (default),
0: disable
It is an input pin during reset period. The default value is
latched at the end of reset.
After reset, it becomes an output pin for testing.
It should be connected to GND through a 1k ohm resister
to set 0.
24
TP_FORCE
O/IPL
Local TP port auto negotiation enable
1: TP port supports auto-negotiation with limited capability
defined in SPEED_MODE and DUPLEX_MODE.
0: TP port supports auto-negotiation with 10M/100M, full/
half capability (default)
The default value may be updated by either programming
EEPROM register 3.5 or MII register 20.13.
It is an input pin during reset period. The default value is
latched at the end of reset.
After reset, it becomes an output pin for testing.
It should be connected to VCC through a 1k ohm resister
to set 1.
38
SPEED_MODE
IPH
Local TP port speed
1: TP port has the 100Mb speed ability
0: TP port has the 10Mb speed ability only
It is valid only if TP_FORCE is enabled.
30
DUPLEX_MODE
IPH
Local TP port duplex
1: TP port has the Full duplex ability
0: TP port has the Half duplex ability only
It is valid only if TP_FORCE is enabled.
36
FX_FULL
IPH
Set the duplex of fiber port
1: full duplex (default)
0: half duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com