Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R02 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R02
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R02 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R02 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
IP1001 LF
Data Sheet
11/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Pin description (continued)
Pin no.
Label
Type
Description
LED Display
55
LED_MODE0
LI/O
LED Mode Selection (MODE0~MODE3).
LED_MODE[1:0] can provide 4 LED display modes, Mode0~
Mode3.
LED_MODE1 is set by register16[15]. LED_MODE0 is
defined by pin or by register16[14]. The pin state of
LED_MODE0 is latched upon reset and set to register 16[14].
After power up, the designer can configure LED_MODE[1:0]
register during the operation.
Since LED_MODE1 is set to “0” upon reset, the designer can
set pin 55 to select “00” or “01” display mode if the register
16[15:14] is unchanged.
15,14,13
LED2, LED1,
LED0
IPH/O,
LI/O
LED output pins 0,1,2
Mode0
Mode1
Mode2
Mode3
LED_Mode1,
LED_Mode0
00
01
10
11
LED0
10/100M Link/Act
0: link off
1: 10/100M link on
Flash: TX or RX
1G Link/Act
0: link off
1: Giga link on
Flash: TX or RX
LED1
100M Link/Act
0: link off
1: 100M link on
Flash: TX or RX
Bi-color mode
{LED0, LED1}=
10= 1G Link;
01=10/100M Link;
00= link off
11= link off
100M Link/Act
0: link off
1: 100M link on
Flash: TX or RX
Bi-triple-color mode
{LED0, LED1}=
10= 1G Link;
01= 100M Link
00= 10M Link;
11= link off
LED2
1G Link/Act
0: link off
1: Giga link on
Flash: TX or RX
Act
0: link off or idle
1: TX or RX
10M Link/Act
0: link off
1: 10M link on
Flash: TX or RX
Link/ Act
0: link off
1: 10/100M/giga link
on
Flash: TX or RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com