Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R02 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R02
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R02 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
IP1001 LF
Data Sheet
41/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.15
PHY Specific Control Register2 (Reg20)
Bit
Name
Description
Type
HW
Reset
SW
Reset
20[1:0]
SR_V/ SR_FAST Sew rate control parameters
RW
11
NA
20.2
Auto-crossover
Enable
1: Enable auto MDI/MDIX
0: Disable auto MDI/MDIX
RW
1
NA
20[5:3]
Reserved
The default value should be adopted for
normal operation.
R/W
101
NA
20.6
Speed10to100en
able
Detect the link partner’s speed change from
10BASE-T to 100BASE-TX by detecting
MLT3 signals
1: Enable
0: Disable
RW
1
NA
20[8: 7]
FIFO_Depth
FIFO depth latency
00: latency = 2
01: latency = 3
10: latency = 4
11: latency = 5
RW
10
NA
20.9
MDIX Enable
When disable auto-crossover
0: MDI
1: MDIX
RW
0
0
20.10
Reserved
The default value should be adopted for
normal operation.
R/W
1
NA
20.11
APS_ON
This bit is used to activate auto power saving
(APS) mode
0: Disable APS
1: Enable APS
RW
1
NA
20[15:12] Reserved
The default value should be adopted for
normal operation.
R/W
0000
NA
Register 21~31 are reserved registers. User is inhibited to access to these registers. It may introduce
abnormal function to write these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com