Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R02 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R02
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R02 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
IP1001 LF
Data Sheet
5.3.3
GMII Timing
c. Transmit Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
TTXCLK
Period of transmit clock
-
8
-
ns
TXEN, TXD to GTX_CLK setup time
(TXPHASE_SEL=0, no clock delay added)
-0.65
ns
Ts2
TXEN, TXD to GTX_CLK setup time
(TXPHASE_SEL=1, clock delay added)
3.35
ns
TXEN, TXD to GTX_CLK hold time
(TXPHASE_SEL=0, no clock delay added)
0.2
ns
Th2
TXEN, TXD to GTX_CLK hold time
(TXPHASE_SEL=1, clock delay added)
4.2
ns
GTX_C LK
TXE N , TXD [7:0]
T s2
T h2
TTclk2
d. Receive Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TRclk2
Period of receive clock
-
8
-
ns
RX_CLK rising edge to RXDV, RXD
(RXPHASE_SEL=0, no clock delay added)
0.4
ns
Td2
RX_CLK rising edge to RXDV, RXD
(RXPHASE_SEL=1, clock delay added)
4.4
ns
Td2
RX_CLK
RXDV, RXD[7:0]
TRclk2
Dec. 18, 2007
45/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com