Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R02 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R02
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R02 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1001-DS-R02 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
IP1001 LF
Data Sheet
3.3
Serial Management Interface
The serial management interface consisting of two pins, MDC and MDIO, provides access to the MII registers
of IP1001. MDC is a clock input and runs at a maximum rate of 12.5 MHz. MDIO is a bi-directional data pin
that runs synchronously to MDC. The MDIO pin requires a 5.1-k
Ω pull up resistor. To access MII register in
IP1001, MDC should be at least one more cycle than MDIO. That is, a complete command consists of 32 bits
MDIO data and at least 33 MDC clocks.
Frame
format
<Idle><start><op code><PHY address><Registers address><turnaround><data><idle>
Read
Operation
<Idle><01><10><A4A3A2A1A0><R4R3R2R1R0><Z0><b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1b0><Idle>
Write
Operation
<Idle><01><01><A4A3A2A1A0><R4R3R2R1R0><10><b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1b0><Idle>
0
0
0
0
0
0
0
0
1
1
0
0
1
1
0
0
0
1
0
0
0
0
0
1
0
0
0
0
1
0
1
0
1..1
idle
start
op
code
PHY address =
01h
Reg address =
00h
TA
Register data
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
idle
A
4
A
3
A
2
A
1
A
0
R
4
R
3
R
2
R
1
R
0
write
z
z
0
0
0
0
0
0
0
0
1
0
0
0
1
1
0
0
0
Z
0
0
0
0
0
1
0
0
0
0
0
1
1
0
idle
start
op
code
PHY address =
01h
Reg address =
00h
TA
Register data
b
1
5
b
1
4
b
1
3
b
1
2
b
1
1
b
1
0
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
idle
A
4
A
3
A
2
A
1
A
0
R
4
R
3
R
2
R
1
R
0
read
z
zz
MDC
MDIO
MDC
MDIO
1..1
1..1
1..1
3.4
LED
IP1001 provides 3 LED pins, LED0~2, and four LED display modes, mode0~3. User can select one of four
LED modes by configuring LED_MODE1 and LED_MODE0. LED_MODE1 and LED_MODE0 are defined in
register 16[15:14]. Pin 55 LED_MODE0 defines the default value of register 16[14].
The functionality of the LED pins is shown in the table below. The driving capability of LED pins can be
programmed by writing MII register 16[13].
LED mode setting
R24
5.1K
LED mode 1
TX_CLK/LED_MODE0
LED mode 0
VDDO
TX_CLK/LED_MODE0
R44
5.1K
Dec. 18, 2007
20/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com