Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R06 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R06
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
IP1001 LF
Data Sheet
12/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Pin description (continued)
Pin no.
Label
Type
Description
Serial Management Interface
11
MDC
I
Management Data Clock.
MDC is the management data clock reference. A continuous
clock is not expected. The maximum frequency supported is
12.5 MHz.
12
MDIO
I/O
Management Data Input Output.
MDIO transfers management data in and out of the device
synchronous to MDC. This pin should be connected to VDDO
through a 5.1-k
Ω pull up resistor.
Pin no.
Label
Type
Description
Medium Interface
29,26,21,18,
30,27,22,19
MDI[3:0]P,
MDI[3:0]M
I/O
Twisted- Pair Media Dependent Interface
In 1000BASE-T mode, all 4 pairs are both input and output at
the same time. In 100BASE-TX and 10BASE-T mode,
MDI[0]P/M are used for transmit pair under MDI configuration,
and is used for receive pair under MDIX configuration.
MDI[1]P/M are used for receive pair under MDI configuration,
and is used for transmit pair under MDIX configuration.
MDI[2]P/M and MDI[3]P/M are unused in 100BASE-TX and
10BASE-T mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com