Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R06 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R06
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
IP1001 LF
Data Sheet
6/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Pin description (continued)
Pin no.
Label
Type
Description
Configuration
50,51,53,7,8 PHY_ADDR[4:0] LI/O,
IPH
PHY Address Configuration
These pins are latched upon power-on reset to define the
PHY address of IP1001.
PHY_ADDR[1:0] are internally pulled high.
PHY_ADDR[4:0] share the same pins with RXD6, RXD7,
RX_ER, CRS and COL.
36
RGMII_N/GMII
IPL
GMII (MII)/ RGMII MAC Interface Mode Selection
This pin is latched upon power-on reset to define the
RGMII/GMII interface mode.
0: RGMII mode (default)
1: GMII/MII mode
48
RXPHASE_SEL LI/O
RX_CLK Phase Selection
This pin is latched upon power-on reset, and acts as the initial
value of register16 [0] to adjust timing of RX_CLK.
0: No output delay is added on RX_CLK
1: An output delay is added on RX_CLK (with respect to RXD,
about 2ns delay in 1000BASE-T, and about 4ns delay in
100BASE-TX and 10BASE-T).
RXPHASE_SEL shares the same pin with RXD4.
49
TXPHASE_SEL LI/O
GTX_CLK/TXC Phase Selection
This pin is latched upon power-on reset, and acts as the initial
value of register16 [1] to adjust timing of GTX_CLK/TXC.
0: No input delay is added on GTX_CLK/TXC
1: An input delay is added on GTX_CLK/TXC (with respect to
TXD, about 2ns delay in 1000BASE-T, and about 4ns
delay in 100BASE-TX and 10BASE-T).
TXPHASE_SEL shares the same pin with RXD5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com