Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R06 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R06
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
IP1001 LF
Data Sheet
27/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.1
Control Register (Reg0)
Bit
Name
Description
Type
HW
Reset
SW
Reset
0.5:0
Reserved
RO
Always 0
0.6
0.13
1
1
Reserved
1
0
1000Mb/s
0
1
100Mb/s
0.6
Speed Selection
(MSB)
0
0
10Mb/s
R/W
1
NA
0.7
Collision Test
1: Enable COL signal test
0: Disable COL signal test
R/W
0
0
0.8
Duplex Mode
1: Full duplex
0: Half duplex
R/W
1
NA
0.9
Restart Auto-NEG
1: Restart Auto-Negotiation Process
0: Normal operation
R/W
SC
0
SC
0.10
Isolate
1: Isolate PHY from MII, GMII, or RGMII
electrically
0: normal operation
R/W
0
0
0.11
Power Down
1: Power down
0: Normal operation
R/W
0
0
0.12
Auto-Negotiation
Enable
1: Enable Auto-Negotiation Process
0: Disable Auto-Negotiation Process
R/W
1
NA
0.13
Speed Selection
(LSB)
Please refer to bit 0.6 for detail information
R/W
0
NA
0.14
Loopback
1: Enable loop back mode
0: Disable loop back mode
R/W
0
0
0.15
Software Reset
1: PHY software reset
0: normal operation
R/W
SC
0
0 (SC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com