Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R06 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R06
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
IP1001 LF
Data Sheet
15/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Pin description (continued)
Pin no.
Label
Type
Description
Power pins
3, 38, 46,
54, 63
DVDD
1.2v digital power
20, 23,
28,31,
AVDD
1.8v or 2.1v analog power
AVDD can be fed with external 1.8v or 2.1v power.
If there is no external 1.8v power source, AVDD can be
connected the 2.1v power source generated by CTRL21. If an
external 1.8v power is available, AVDD can be connected to
1.8v to reduce the power consumption.
If there is no external 2.5v power source, the center tap of
transformer can be connected the 2.1v power source
generated by CTRL21. If an external 2.5v power is available,
the center tap of transformer can be connected to it,
consuming the extra power consumption.
9, 43, 47,
52, 56, 64
VDDO
3.3v/ 2.5v digial I/O power
VDDO is connected to 3.3v if IP1001 works in MII or GMII
mode. VDDO is connected to 2.5v if IP1001 works at RGMII
mode.
24
AVDDH
3.3v/ 2.5v analog power
AVDDH can be fed with 3.3v or 2.5v, using the same power
source of VDDO. Although VDDO and AVDDH use the same
power source, user has to place a bead between VDDO and
AVDDH to prevent the noise of AVDDH noise.
--
GND
Exposed PAD (E-PAD) (Thermal PAD) is Analog and Digital
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com