Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R06 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R06
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R06 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
IP178C/IP178CH applications: (continued)
An 8-port router application
IF pin 53 EXTMII_EN is pulled high, then MII/RMII interface is enabled. IP178C/IP178CH is connected to
a CPU through MII/ RMII interface. IP178C/IP178CH works as an 8-port router. MII/RMII interface is set
to be PHY mode and 100 Mbps full duplex in this application.
MII/RMII
PHY
0
PHY
1
PHY
6
PHY
7
IP178C
/178CH
MAC
CPU
(PHY mode)
ADSL
or
Cable modem
WAN to ISP
PC
Ethernet
Ethernet
Router
WAN
port
LAN port
MAC0
MAC7
MAC8
switch engine
.....
.....
14/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com