Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R06 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R06
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R06 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R06 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
7/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Features comparison between IP178B and IP178C/IP178CH
Function
IP178B
IP178C/IP178CH
EEPROM
93C46
24C01A
SCA (Smart Cable Analysis)
X
O
UPDATE_R4_EN
O
X
8 TP + 1* MII (9 port switch)
8 TP
8 TP + 1* MII (9 port switch)
Disable MII port
(pin 53 EXTMII_EN=0)
Enable MII port
(pin 53 EXTMII_EN=1)
LED pins
Link, Speed,
Duplex
Link, Speed, Duplex
Link, Speed
Link quality LED
X
Pin 73
Default on (note1)
VLAN_ON
Pin 79
Pin 79
Default off (note1)
Filter reserved address option
Fixed on
Pin 78
Default off (note1)
Broadcast frame option
X
Pin 77
Default off (note1)
Aging option
Pin 84
Pin 76
Default on (note1)
Flow control option
Fixed on
Pin 75
Default on (note1)
Max packet length option
X
Pin 101
Default off (note1)
MII port speed/ duplex
X
X
Fixed 100 Mbps full
RMII/MII option
X
X
Pin 72
MII MAC mode/ PHY mode
X
X
Pin 104
MII register, MDC/MDIO
X
X
O
Built in regulator
X
2.5v
1.95V
3.3V
1.95V
Note1: The default value can be updated by EEPORM or MDC/MDIO.
Note2: It is UPDATE_R4_EN in IP178B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com