Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R06 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R06
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R06 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
Pin description (continued)
Pin No.
Label
Type
Description
Misc.
36
NC
(FXSD6)
(for IP178CH only)
54
OSCI
I
25Mhz system clock
It is recommended to connect OSCI and X2 to a 25M crystal.
If the clock source is from another chip or oscillator, the clock
should be active at least for 1ms before pin 64 RESETB
de-asserted.
Pin 55 X2 should be left open in this application.
55
X2
O
Crystal pin
A 25Mhz crystal can be connected to OSCI and X2.
64
RESETB
I
Reset
It is low active. It must be hold for more than 1ms. It is Schmitt
trigger input. If a R/C reset circuit is used, the capacitor should
be connected to VCC_O as shown in the figure.
VCC_O
GND
R
RESETB
C
84
LOW_10M_DIS
Or
SCA_DIS
IPH2
LOW_10M_DIS or SCA_DIS
If pin 73 SEL_SCA is pull low, then pin 84 is LOW_10M_DIS.
If pin 73 SEL_SCA is pull high, then pin 84 is SCA_DIS.
For LOW_10M_DIS
1: disable power saving mode, the 10M transmit amplitude is
depressed in this mode. (default)
0: enable power saving mode
For SCA_DIS
1: Disable smart cable analysis function (default).
0: Enable smart cable analysis function.
EEPROM
104
SCL
IPL2
/O
Clock of EEPROM
After reset, it is used as clock pin SCL of EEPROM. After
reading EEPROM, this pin becomes an input pin. Its period is
longer than 10us.
IP178C/IP178CH stops reading the rest data in EEPROM if the
first two bytes in EEPROM aren’t 55AA.
16/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com