Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R06 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R06
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R06 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R06 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
46/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
2.11
Static MAC address table
User can setup the static MAC address table to force the switching behavior of IP178C/IP178CH by
programming MII register 31.14 ~ 30.21. When IP178C/IP178CH receives packets, which match
pre-defined MAC address in the table (static_mac_0, static_mac_1), it forwards the packet to MII port
(CPU). The static MAC address table has precedence over the dynamic DA look up result.
In a spanning tree application, the MII register 31.17[10] static_override_0 is “1”, MII register 31.17[9]
static_valid_0 is ”1”, the MII register 31.14~31.16 MAC address field is 01-80-c2-00-00-00 and the MII
register 31.17[8:0] static_port_mask_0 is 9’b1_0000_0000 (MII). That is, IP178C/IP178CH only forwards
BPDU to MII (CPU) and in spite of the port states.
MII register
R/W
Description
Default
31.17.10
R/W override_0
1: override the transmission, receiving and learning setting
in MII register 31.13.
0: not override
1
31.17.9
R/W state_valid_0
1: the entry is valid
0: the entry is not valid
0
31.17[8:0]
R/W state_port_mask_0
Bit 8: forward to port 8 (MII)
Bit 7: forward to port 7
Bit 6: forward to port 6
Bit 5: forward to port 5
Bit 4: forward to port 4
Bit 3: forward to port 3
Bit 2: forward to port 2
Bit 1: forward to port 1
Bit 0: forward to port 0
9’b1_0000_0000
31.14 – 16
R/W state_mac_0
01-80-C2-00-00-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com